Part Number Hot Search : 
G7151 1N2058 B1S10 D42C3 MBRF3010 G703B 160A1 100GCP
Product Description
Full Text Search
 

To Download AK2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pressure sensors
Gauge pressure transducers
Series/Type: Ordering code: Date: Version:
AK2 series 2009-08-03 3
Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then change the color to "white". This ensures that the table disappears (invisible) for the customer PDF. Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it!
Identification/Classification 1 (header 1 + top left bar): Identification/Classification 2 (header 2 + bottom left header bar): Ordering code: (top right header bar) Series/Type: (top right header bar) Preliminary data (optional): (if necessary) Department: Date: Version: AS SEN PD 2009-08-03 3 AK2 series Pressure sensors Gauge pressure transducers
EPCOS AG 2009. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited
Pressure sensors Gauge pressure transducers
AK2 series
Description The transducers are based on piezoresistive silicon pressure sensors from our own clean room. The robust stainless steel/plastic casing is accentuated through its excellent mechanical decoupling. Features Piezoresistive MEMS technology Measured media: Air, non-aggressive gases (gas humidity 0 ... 100% r.h.) and non-aggressive fluids. Unsuitable for substances which react with glass, silicon, stainless steel, silicone glue (pr 10 bar) or epoxy glue (pr > 10 bar). Whetstone bridge with mV output, proportional to pressure and ratiometric to supply voltage RoHS-compatible, halogen-free Dual-in-line package for PCB mounting Dimensional drawings
Type KD (4.8 mm tube fitting) Type KC (M5 thread connection)
All dimensions in mm
AS SEN PD Please read Cautions and warnings and Important notes at the end of this document. Page 2 of 7
2009-08-03
Pressure sensors Gauge pressure transducers
AK2 series
Technical data Absolute maximum ratings
Parameter Temperature ranges Storage temperature range Operating temperature range Soldering temperature Supply voltage /-current Supply voltage Parameter VDD Symbol
5)
Symbol
Conditions
Min.
Typ.
Max.
Unit
Tst Ta Tsolder
1) 2)
-40 -30
+125 +85 +240
C C C
<5 s (no reflow soldering)
10 Min. Typ. Max.
V Unit
Conditions
Offset / bridge resistance @ Ta = 25 VDD = 5 V C, Bridge resistance RS Chip type C41 (pin1-3) Chip type C27 (pin1-3) Chip type C28 (pin1-3) Offset V0
6)
4.0 2.6 2.7 -25
5.0 3.3 3.2 0
6.0 4.0 3.7 +25
k k k mV
Data in temperature range @ Ta = -30 ... 85 VDD = 5 V C, Temperature hysteresis Temperature coefficients of the bridge resistance Temperature coefficients of the sensitivity Temperature coefficient of offset Rs Rs S S TCV0
12) 11) 9) 10)
0.1 2.1 4 -2.4 3 2.4 6 -2.2 5 4
0.5 2.7 8 -2.0 8
% FS 10 /K 10 /K 10 /K 10 /K
-6 2 -3 -6 2 -3
V/VK
Data dependent on rated pressure @ Ta = 25 C, VDD = 5 V
Rated pressure pr bar 0.025 0.060 0.100 0.250 0.400 1.000 2.500 6.000 10.00 25.00 C41 C41 C27 C27 C27 C27 C28 C28 C28 C28
3)
Chip type Min. mV/bar 640 450 350 300 225 90 36 15 9 3.6
Sensitivity S Typ. mV/bar 1000 700 500 400 300 120 48 20 12 4.8
7)
Nonlinearity L Typ. % FS 1 0.75 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 Max. % FS 1.75 1.5 1 1 1 0.5 0.5 0.5 0.5 0.5
8)
Overpressure pov Min. bar 0.25 0.35 0.5 0.6 1 3 5 9 24 37.5
4)
Max. mV/bar 1280 833 700 480 375 150 60 25 15 6
AS SEN PD Please read Cautions and warnings and Important notes at the end of this document. Page 3 of 7
2009-08-03
Type
AS SEN PD Product type Rated pressure pr bar Ordering code
1 VDD+ 2 Vout+ 4 Vout- 3 VDD-
Terminal assignment
Please read Cautions and warnings and Important notes at the end of this document. AKR 0.025 D20 AKR 0.060 D20 AKR 0.100 D40 AKR 0.250 D40 AKR 0.400 D40 AKR 1.000 D40 AKR 2.500 D80 AKR 6.000 D80 AKR 10.00 D80 AKR 25.00 D80 AKR 0.025 C20 AKR 0.060 C20 AKR 0.100 C40 AKR 0.250 C40 AKR 0.400 C40 AKR 1.000 C40 AKR 2.500 C80 AKR 6.000 C80 AKR 10.00 C80 AKR 25.00 C80 0.250 0.400 1.000 2.500 6.000 10.00 25.00 0.100 0.060 0.025 25.00 10.00 6.000 2.500 1.000 0.400 0.250 0.100 0.060 0.025
Other rated pressures upon request.
B58611K1100A001
B58611K1100A002
Pressure sensors Gauge pressure transducers
B58611K1100A003
Rated pressures and ordering codes
B58611K1100A004
Pin
4
3
2
1
B58611K1100A005
Type KD
B58611K1100A006
Symbol
B58611K1100A007
Vout+
VDD+
VDD- Vout-
The polarity of Vout applies to positive pressure. Negative pressure or a reversed supply voltage results in a reversed polarity of the output voltage Vout.
Page 4 of 7 Type KC
B58611K1100A008
B58611K1100A009
B58611K1100A010
Supply voltage
Output voltage
Output voltage
Supply voltage
B58611K1500A007
B58611K1500A008
Terminal assignment
B58611K1500A009
B58611K1500A010
B58611K1500A011
B58611K1500A012
B58611K1500A013
B58611K1500A014
B58611K1500A015
AK2 series
2009-08-03
B58611K1500A016
Pressure sensors Gauge pressure transducers
AK2 series
Symbols and terms
1)
2)
3)
4)
5)
6)
7)
8)
Storage temperature range Tst A storage of the pressure sensor within the temperature range Tst,min up to Tst,max and without applied pressure and supply voltage will not affect the performance of the pressure sensor. Operating temperature range Ta An operation of the pressure sensor within the temperature range Ta,min up to Ta,max will not affect the performance of the pressure sensor. Rated pressure pr Within the rated pressure range 0 up to pr the signal output characteristic corresponds to this specification. Overpressure pOV Pressure cycles within the pressure range 0 up to pov will not affect the performance of the pressure sensor. Supply voltage VDD VDD,max is the maximum permissible supply voltage, which can be applied without damages. The output voltage Vout is ratiometric (Vout ~ VDD). Offset V0 The offset V0 is the signal output Vout(p = 0) at zero pressure. Sensitivity S Within the pressure range 0 up to pr the output voltage is Vout(px) = V0 + S * px Nonlinearity L (including pressure hysteresis) The nonlinearity is the deviation of the real sensor characteristic Vout = f(p) from the ideal straight line. It can be approximated by a polynomial of second order, with the maximum at px = pr / 2 . The equation to calculate the nonlinearity is:
L=
9)
Vout (p x ) - V0 p x - Vout (pr ) - V0 pr
Temperature hysteresis The temperature hysteresis is the change of offset, starting from the value at 25 after a temperature change C and return to 25 Determined during temperature cycles in operating temperature range (cycles with 1 K/min). C. (Full Scale): FS = VFS = S * pr Temperature coefficients of the bridge resistance RS, RS 2 Bridge resistance at temperature Tx: RS(Tx) = RS(25 * [ 1 + RS * (Tx - 25 + RS * (Tx - 25 ] C) C) C) Values are valid within the operating temperature range Ta,min up to Ta,max Out of the operating temperature range, the deviation may increase. Temperature coefficients of the sensitivity S, S 2 Sensitivity at temperature Tx: S(Tx) = S(25 * [ 1 + S * (Tx - 25 + S * (Tx - 25 C) C) C) ] Values are valid within the operating temperature range Ta,min up to Ta,max Out of the operating temperature range, the deviation may increase. Temperature coefficient of offset TCV0 Offset at temperature Tx: V0(Tx) = V0(25 + TCV0 * (Tx - 25 * VDD C) C) Values are valid within the operating temperature range Ta,min up to Ta,max Out of the operating temperature range, the deviation may increase.
10)
11)
12)
AS SEN PD Please read Cautions and warnings and Important notes at the end of this document. Page 5 of 7
2009-08-03
Pressure sensors Gauge pressure transducers
AK2 series
Cautions and warnings
Storage (general) All pressure sensors should be stored in their original packaging. They should not be placed in harmful environments such as corrosive gases nor exposed to heat or direct sunlight, which may cause deformations. Similar effects may result from extreme storage temperatures and climatic conditions. Avoid storing the sensor dies in an environment where condensation may form or in a location exposed to corrosive gases, which will adversely affect their performance. Plastic materials should not be used for wrapping/packing when storing or transporting these dies, as they may become charged. Pressure sensor dies should be used soon after opening their seal and packaging. Operation (general) Media compatibility with the pressure sensors must be ensured to prevent their failure. The use of other media can cause damage and malfunction. Never use pressure sensors in atmospheres containing explosive liquids or gases. Ensure pressure equalization to the environment, if gauge pressure sensors are used. Avoid operating the pressure sensors in an environment where condensation may form or in a location exposed to corrosive gases. These environments adversely affect their performance. If the operating pressure is not within the rated pressure range, it may change the output characteristics. This may also happen with pressure sensor dies if an incorrect mounting method is used. Be sure that the applicable pressure does not exceed the overpressure, as it may damage the pressure sensor. Do not exceed the maximum rated supply voltage nor the rated storage temperature range, as it may damage the pressure sensor. Temperature variations in both the ambient conditions and the media (liquid or gas) can affect the accuracy of the output signal from the pressure sensors. Be sure to check the operating temperature range and thermal error specification of the pressure sensors to determine their suitability for the application. Connections must be wired in accordance with the terminal assignment specified in the data sheets. Care should be taken as reversed pin connections can damage the pressure transmitters or degrade their performance. Contact between the pressure sensor terminals and metals or other materials may cause errors in the output characteristics. Design notes (dies) This specification describes the mechanical, electrical and physical requirements of a piezoresistive sensor die for measuring pressure. The specified parameters are valid for the pressure sensor die with pressure application either to the front or back side of the diaphragm as described in the data sheet. Pressure application to the other side may result in differing data. Most of the parameters are influenced by assembly conditions. Hence these parameters and the reliability have to be specified for each specific application and tested over its temperature range by the customer. Handling/Mounting (dies) Pressure sensor dies should be handled appropriately and not be touched with bare hands. They should only be picked up manually by the sides using tweezers. Their top surface should never be touched with tweezers. Latex gloves should not be used for handling them, as this will inhibit the curing of the adhesive used to bond the die to the carrier. When handling, be careful to avoid cuts caused by the sharp-edged terminals. The sensor die must not be contaminated during manufacturing processes (gluing, soldering, silk-screen process). The package of pressure sensor dies should not to be opened until the die is mounted and should be closed after use. The sensor die must not be cleaned. The sensor die must not be damaged during the assembly process (especially scratches on the diaphragm). Soldering (transducers, transmitters) The thermal capacity of pressure sensors is normally low, so steps should be taken to minimize the effects of external heat. High temperatures may lead to damage or changes in characteristics. A non-corrosive type of flux resin should normally be used and complete removal of the flux is recommended. Avoid rapid cooling due to dipping in solvent. Note that the output signal may change if pressure is applied to the terminals during soldering. This listing does not claim to be complete, but merely reflects the experience of EPCOS AG.
AS SEN PD Please read Cautions and warnings and Important notes at the end of this document. Page 6 of 7
2009-08-03
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DSSP, MiniBlue, MiniCell, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, PhiCap, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 7 of 7


▲Up To Search▲   

 
Price & Availability of AK2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X